PART |
Description |
Maker |
2200LL-220H-RC 2200LL-331-H-RC 2200LL-391H-RC 2200 |
INDUCTOR TOROID 22UH 15% HORIZ 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 390UH 15% HORIZ 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 12UH 15% HORIZ 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1.8 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 33UH 15% HORIZ Low Core Loss, High Current Toroid Inductors 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
6715 |
INDUCTOR TOROID W/HDR 1600UH 15% 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
HCT-1-152-15L |
Power inductor, toroid, 20% tol, RoHS 1 ELEMENT, 1.875 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc.
|
DMT2-200-3.8L DMT2-134-4.8L DMT1-43-3.8L DMT3-35-1 |
Power choke, toroid, RoHS 1 ELEMENT, 200 uH, GENERAL PURPOSE INDUCTOR Power choke, toroid, RoHS 1 ELEMENT, 134 uH, GENERAL PURPOSE INDUCTOR Power choke, toroid, RoHS 1 ELEMENT, 43 uH, GENERAL PURPOSE INDUCTOR Power choke, toroid, RoHS 1 ELEMENT, 35 uH, GENERAL PURPOSE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
1XF2506-VO |
Toroid Inductor
|
XFMRS Inc.
|
1XF2506-VO10 |
Toroid Inductor
|
XFMRS Inc.
|
2100HT-150-V-RC 2100HT-101-V-RC 2100HT-102-H-RC 21 |
Inductor, Toroidal 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR High Temperature, High Current Toroid Inductors DC/DC converters EMI fi lters
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
L-20500 |
50 KHz SMPS Inductor - Toroid Mount Package
|
Rhombus Industries Inc.
|
4330-030-37160 4330-030-34610 4330-030-34220 4330- |
CORE TOROID TN32-19/13-3E25 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits CORE TOROID TN25-15/10-3E25 CORE TOROID TL2/14/7-3E25 核心环型TL2/14/7-3E25
|
TE Connectivity, Ltd.
|
ASTC-02-9 ASTC-02 ASTC-02-1 ASTC-02-10 ASTC-02-11 |
2 FUNCTIONS, 1.2 A, DATA LINE FILTER SMT TOROID INDUCTOR
|
ABRACON[Abracon Corporation]
|
|